Part Number Hot Search : 
K3543 AO9926BL NJM12902 NDSC1 Z225E STPSA42 NSSW088T 071CN
Product Description
Full Text Search
 

To Download MBR20045CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * *
MBR20020CT
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
THRU MBR200100CT
200 Amp Schottky Barrier Rectifier 20 to 100 Volts FULL PACK
Metal of siliconrectifier, majonty carrier conducton Guard ring for transient protection Low power loss high efficiency High surge capacity, High current capability
Maximum Ratings
* * Operating Temperature: -55C to +175C Storage Temperature: -55C to +175C Maximum Recurrent Peak Reverse Voltage 20V 30V 35V 40V 45V 60V 80V 100V Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V 80V 100V
MCC Part Number MBR20020CT MBR20030CT MBR20035CT MBR20040CT MBR20045CT MBR20060CT MBR20080CT MBR200100CT
Maximum RMS Voltage 14V 21V 24.5V 28V 31.5V 42V 56V 70V
A B K C M J F D H E L
G
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage 20020-20045CT 20060CT 20080-200100CT Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance IF(AV) IFSM 200 A 1500A TC = 136C 8.3ms, half sine
DIM A B C D E F G H J K L M DIMENSIONS INCH ES MIN MAX 3.150 NOM 1.565 1.585 .700 .800 2.400 2.500 .119 .132 1.375 REF 3.550 3.650 .580 .620 1/4 -20 UNF .380 .410 .185 .195 .275 .295 MM MIN MAX 80.01 NOM 39.75 40.26 17.78 20.32 60.96 63.50 3.02 3.35 34.92 REF 90.17 92.71 14.73 15.75 FULL 9.65 10.41 4.70 4.95 6.99 7.49
NOTE
VF
.68 V .75 V .84 V
5 mA 75 mA
IFM = 100 A; TJ = 25C
IR
TJ = 25C TJ = 125C

CJ
4600pF Measured at 1.0MHz, VR=5.0V
*Pulse Test: Pulse Width 300sec, Duty Cycle 2%
www.mccsemi.com
MBR20020CT thru MBR200100CT
Figure 1 Typical Forward Characteristics 2000 1000 600 400 200 25C Amps 100 60 40 20 10 6 4 2 1 0.2 0.4 0.6 Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts 0.8 1.0 1.2 0 20 Amps 40 MBR20080CT-200100CT 160 MBR20020CT-20045CT MBR20060CT 200
MCC
Figure 2 Forward Derating Curve
120
80
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 70 90 C 110 130 150
Average Forward Rectified Current - Amperes versus Case Temperature - C
Figure 3 Junction Capacitance
10000 6000 4000 2000 pF TJ=25C 1000 600 400 200 100 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000
Junction Capacitance - pF versus Reverse Voltage - Volts
www.mccsemi.com
MBR20020CT thru MBR200100CT
Figure 4 Typical Reverse Characteristics 1000 600 400 1200 200 100 60 40 20 mAmps 10 6.0 4.0 2.0 1.0 .6 .4 .2 .1 10 20 TJ=25C 40 60 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 80 100 120 TJ=125C 0 1 2 4 Amps 900 600 300 100 1500
MCC
Figure 5 Peak Forward Surge Current
6
8 10 20 Cycles
40
60 80 100
Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MBR20045CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X